Part Number Hot Search : 
68HC90 RM13TR KGR80 SC1158 EZ10D5 ZCAT2235 FC109 2SK1834
Product Description
Full Text Search
 

To Download MBR20120FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
MBR20120FCT
* * *
Features
High Junction Temperature Capability Low Forward Voltage Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Marking : type number
20 Amp High Voltage
Power Schottky
*
Barrier Rectifier 120 Volts
Maximum Ratings
* * Operating Junction Temperature: -50C to +150C Storage Temperature: -50C to +150C MCC Catalog Number MBR20120FCT Maximum Recurrent Peak Reverse Voltage 120V Maximum RMS Voltage 84V Maximum DC Blocking Voltage 120V
ITO-220AB
B C K
PIN 1 2 3
L M D A
E F O I J N HH G
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage IF(AV) IFSM 20 A 150A TC = 120C 8.3ms, half sine
A B C D E F G H I J K L M N O
PIN 1 PIN 3
PIN 2
MM 14.80 --2.55 6.30 ----13.00 2.55 ----3.00 ----2.50 --0.90 0.80 3.40 4.80 3.30 2.90 1.40 15.40 10.30 2.85 6.90 4.10 1.80 13.80
VF
.83V
TJ = 25C IF = 10A;
Maximum DC Reverse Current At Rated DC Blocking Voltage
IR
0.5mA
TJ = 25C
INCHES .583 .606 --.406 .100 .112 .248 .272 --.161 --.071 .512 .543 .100 --.035 --.032 .118 .134 --.189 --.130 .098 .114 --.055
* Pulse Test: Pulse Width 380usec , Duty Cycle 2%
Revision: 3
www.mccsemi.com
1 of 3
2006/05/07
MBR20120FCT
Figure 1 Typical Forward Characteristics
100 10 6 4 2 1 .6 10 .4 .2 Amps TA=25C Amps .1 .06 .04 1.0 25C .02 .01 .006
MCC
TM
Micro Commercial Components Figure 2 Typical Reverse Characteristics
.002 0.1 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts .001 20 50 75 100 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 125 150 175
Figure 3 Forward Derating Curve 24 150 20 125 16 100 75 Amps 8 25 4 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 25 50 75 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 100 125 150 0 1 2 4 6 8 10 Cycles Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles 20 40 60 80 100 50 Figure 4 Peak Forward Surge Current
Amps
12
0
Revision: 3
www.mccsemi.com
2 of 3
2006/05/07
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 3
3 of 3
2006/05/07


▲Up To Search▲   

 
Price & Availability of MBR20120FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X